Part Number Hot Search : 
444HFN2 CGD914MI 2SK1277 04030 PQ12RA11 C3506 04030 XC9536XL
Product Description
Full Text Search
 

To Download 1V5KE8V2CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1V5KE6V8(C)A - 1V5KE440(C)A
Transient Voltage Suppressors 1V5KE6V8(C)A - 1V5KE440(C)A
Features * * * * *
Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms. Excellent clamping capability. Low incremental surge resistance. Fast response time; typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0 ns for bidirectional. Typical IR less than 1.0 A above 10V. UL certified, UL #E210467.
DO-201AE
COLOR BAND DENOTES CATHODE ON UNIDIRECTIONAL DEVICES ONLY. NO COLOR BAND ON BIDIRECTIONAL DEVICES.
* *
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix. - Electrical Characteristics apply in both directions.
1500 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
Symbol
PPPM IPPM PD IFSM Tstg TJ Peak Pulse Current Power Dissipation .375 " lead length @ TA = 75C Non-repetitive Peak Forward Surge Current superimposed on rated load (JEDEC method) Storage Temperature Range Operating Junction Temperature
TA = 25C unless otherwise noted
Parameter
Peak Pulse Power Dissipation at TP=1ms
Value
1500 see table 5.0
(Note 1)
Units
W A W A C C
200 -65 to +175 + 175
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave; Duty cycle = 4 pulses per minute maximum.
2002 Fairchild Semiconductor Corporation
1V5KE6V8(C)A - V5KE440(C)A, Rev. D
1V5KE6V8(C)A - 1V5KE440(C)A
Transient Voltage Suppressors
(continued)
Electrical Characteristics
Uni-directional Bi-directional (C) Device 1V5KE6V8(C)A 1V5KE7V5(C)A 1V5KE8V2(C)A 1V5KE9V1(C)A 1V5KE10(C)A 1V5KE11(C)A 1V5KE12(C)A 1V5KE13(C)A 1V5KE15(C)A 1V5KE16(C)A 1V5KE18(C)A 1V5KE20(C)A 1V5KE22(C)A 1V5KE24(C)A 1V5KE27(C)A 1V5KE30(C)A 1V5KE33(C)A 1V5KE36(C)A 1V5KE39(C)A 1V5KE43(C)A 1V5KE47(C)A 1V5KE51(C)A 1V5KE56(C)A 1VKE62(C)A 1V5KE68(C)A 1V5KE75(C)A 1V5KE82(C)A 1V5KE91(C)A 1V5KE100(C)A 1V5KE110(C)A 1V5KE120(C)A 1V5KE130(C)A 1V5KE150(C)A 1V5KE160(C)A 1V5KE170(C)A 1V5KE180(C)A 1V5KE200(C)A 1V5KE220(C)A 1V5KE250(C)A 1V5KE300(C)A 1V5KE350(C)A 1V5KE400(C)A 1V5KE440(C)A Reverse Stand-off Voltage VRWM (V) 5.80 6.40 7.02 7.78 8.55 9.40 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102.0 111.0 128.0 136.0 145.0 154.0 171.0 185.0 214.0 256.0 300.0 342.0 376.0
TA = 25C unless otherwise noted
Test Breakdown Voltage Current VBR (V) IT(mA) Min Max 6.45 7.14 10 7.13 7.88 10 7.79 8.61 10 8.65 9.55 1 9.50 10.5 1 10.5 11.6 1 11.4 12.6 1 12.4 13.7 1 14.3 15.8 1 15.2 16.8 1 17.1 18.9 1 19.0 21.0 1 20.9 23.1 1 22.8 25.2 1 25.7 28.4 1 28.5 31.5 1 31.4 34.7 1 34.2 37.8 1 37.1 41.0 1 40.9 45.2 1 44.7 49.4 1 48.5 53.6 1 53.2 58.8 1 58.9 65.1 1 64.6 71.4 1 71.3 78.8 1 77.9 86.1 1 86.5 95.5 1 95.0 105.0 1 106.0 116.0 1 114.0 126.0 1 124.0 137.0 1 143.0 158.0 1 152.0 168.0 1 162.0 179.0 1 171.0 189.0 1 190.0 210.0 1 209.0 231.0 1 237.0 263.0 1 285.0 315.0 1 333.0 368.0 1 380.0 420.0 1 418.0 462.0 1
Clamping Voltage @IPPM VC(V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 26.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 104.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0
Peak Pulse Current IPPM (A)
Reverse Leakage VRWM IR (uA)* 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
143 133 124 112 103 96.2 90.0 82.0 71.0 67.0 59.5 54.2 49.0 45.2 40.0 36.2 33.0 30.1 28.0 25.3 23.2 21.4 19.5 17.7 16.3 14.6 13.3 12.0 11.0 9.9 9.1 8.4 7.2 6.8 6.4 6.1 5.5 4.6 4.5 3.8 3.2 2.8 2.6
* For bidirectional parts with VRWM<10V, the IR max limit is doubled.
1V5KE6V8(C)A - 1V5KE440(C)A, Rev. D
1V5KE6V8(C)A - 1V5KE440(C)A
Transient Voltage Suppressors
(continued)
Typical Characteristics
100
100
TA = 25 C
75 Pulse Power [%]
Pulse Power [kW]
10
50
1
25
0.1 0.0001
0
0.001
0.01 0.1 Pulse Width [ms]
1
10
0
25
50 75 100 125 150 Ambient Temperature [C]
175
200
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
150
tf = 10sec
100
Peak Value Ippm
Total Capacitance, CT [pF]
Peak Pulse Current [%]
T A = 25 C Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of Ipp
10000
Unidirectional Unidirectional
T A = 25 C f = 1.0 MHz Visg = 50m Vp-p
1000
Measured at Zero Bias
Half Value-Ipp 2
50
10/1000sec Waveform as Defined by R.E.A. e-kt td
Bidirectional
100
Measured at Stand-Off Voltage (V mw)
0
0
1
2 Time [ms]
3
4
10
5
10
20 50 100 200 Reverse Voltage, VR [V]
500
Figure 3. Pulse Waveform
Figure 4. Total Capacitance
Peak Forward Surge Current, IFSM [A]
5
200
T A = T A max 8.3ms Single Half Sine-Wave JEDEC Method
Power Dissipation [W]
3.75
100
2.5
50
UNIDIRECTIONAL ONLY
1.25
20
0
0
25
50 75 100 125 150 Lead Temperature [C]
175
200
10
1
2
5 10 20 Number of Cycles at 60Hz
50
100
Figure 5. Steady State Power Derating Curve
Figure 6. Non-Repetitive Surge Current
1V5KE6V8(C)A - 1V5KE440(C)A, Rev. D
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx Bottomless CoolFET CROSSVOLT DenseTrench DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series
DISCLAIMER
FAST a FASTr FRFET GlobalOptoisolator GTO HiSeC I2C ISOPLANAR LittleFET MicroFET MicroPak
MICROWIRE OPTOLOGIC a OPTOPLANAR PACMAN POP Power247 PowerTrench a QFET QS QT Optoelectronics Quiet Series
SILENT SWITCHER a UHC SMART START UltraFET a SPM VCX STAR*POWER Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. H5


▲Up To Search▲   

 
Price & Availability of 1V5KE8V2CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X